Part Number Hot Search : 
23208 YAAMUA SWE12400 LTC31 ADT7310 MRF449 PIC16C XXXGX
Product Description
Full Text Search
 

To Download NTB0101A-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the ntb0101a is a 1-bit, dual supply translat ing transceiver with auto direction sensing, that enables bidirectional voltage level translatio n. it consists of two 1-bit i/o ports (a and b), one output enable input (oe ) and two supply pins (v cc(a) and v cc(b) ). v cc(a) can be supplied at any voltage between 1.2 v and 3.6 v. v cc(b) can be supplied at any voltage between 1.65 v and 5.5 v. this flexibility allows translation between any of the low voltage nodes (1.2 v, 1.5 v, 1.8 v, 2.5 v, 3.3 v and 5.0 v). pins a and oe are referenced to v cc(a) and pin b is referenced to v cc(b) . a high level at pin oe causes the outputs to assume a high-im pedance off-state. this device is fully specified for partial power- down applications using i off . the i off circuitry disables the output, preventing damage of the device due to backflow current, when it is powered down. 2. features and benefits ? wide supply voltage range: ? v cc(a) : 1.2 v to 3.6 v and v cc(b) : 1.65 v to 5.5 v ? i off circuitry provides partial power-down mode operation ? inputs accept voltages up to 5.5 v ? esd protection: ? hbm jesd22-a114e class 2 exceeds 2500 v for port a ? hbm jesd22-a114e class 3b exceeds 15000 v for port b ? mm jesd22-a115-a exceeds 200 v ? cdm jesd22-c101e exceeds 1500 v ? latch-up performance exceeds 100 ma per jesd 78b class ii ? specified from ? 40 ? cto+85 ? c and ? 40 ? cto+125 ? c ntb0101a auto direction sens ing dual supply rev. 1 ? 14 july 2015 product data sheet
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 2 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply 3. ordering information 4. marking [1] the pin 1 indicator is on the lower left corner of the device, below the marking code. 5. functional diagram 6. pinning information 6.1 pinning table 1. ordering information type number package name description version ntb0101agw sc-88 plastic surface -mounted package; 6 leads sot363 table 2. marking codes type number marking code [1] ntb0101agw tl fig 1. logic symbol aaa-017137 5 3 oe a 4 b v cc(a) v cc(b) fig 2. pin configuration sot363 aaa-017138 ntb0101a v cc(b) v cc(a) gnd a 1 2 3 6 oe b 5 4
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 3 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state. [2] when either v cc(a) or v cc(b) is at gnd level, the device goes into power-down mode. 8. limiting values [1] if the input and output current ratings are observed, the mi nimum input and minimum output voltage ratings may be exceeded. [2] v cco is the supply voltage associated with the output. [3] v cco + 0.5 v should not exceed 6.5 v. [4] above 87.5 ? c, the value of p tot derates linearly with 4.0 mw/k. table 3. pin description symbol pin description v cc(a) 1 supply voltage a gnd 2 ground (0 v) a 3 data input or output (referenced to v cc(a) ) b 4 data input or output (referenced to v cc(b) ) oe 5 output enable input (active low; referenced to v cc(a) ) v cc(b) 6 supply voltage b table 4. function table [1] supply voltage input input/output v cc(a) v cc(b) oe a b 1.2 v to v cc(b) 1.65 v to 5.5 v h z z 1.2 v to v cc(b) 1.65 v to 5.5 v l input or output output or input gnd [2] gnd [2] xzz table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc(a) supply voltage a ? 0.5 +6.5 v v cc(b) supply voltage b ? 0.5 +6.5 v v i input voltage [1] ? 0.5 +6.5 v v o output voltage active mode [1] [2] [3] ? 0.5 v cco +0.5 v power-down or 3-state mode [1] ? 0.5 +6.5 v i ik input clamping current v i <0v ? 50 - ma i ok output clamping current v o <0v ? 50 - ma i o output current v o =0vtov cco [2] - ? 50 ma i cc supply current i cc(a) or i cc(b) -1 0 0m a i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? c to +125 ?c [4] -2 5 0m w
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 4 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply 9. recommended operating conditions [1] the a and b sides of an unused i/o pair must be held in the same state, both at v cci or gnd. [2] v cc(a) must be less than or equal to v cc(b) . 10. static characteristics [1] v cco is the supply voltage associated with the output. table 6. operating conditions [1] [2] symbol parameter conditions min max unit v cc(a) supply voltage a 1.2 3.6 v v cc(b) supply voltage b 1.65 5.5 v v i input voltage 0 5.5 v v o output voltage power-down or 3-state mode; v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v port a 0 3.6 v port b 0 5.5 v t amb ambient temperature ? 40 +125 ?c ? t/ ? v input transition rise and fall rate v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v - 40 ns/v table 7. typical static characteristics at recommended operating conditions; t amb = 25 ? c; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit v oh high-level output voltage port a; v cc(a) = 1.2 v; i o = ? 20 ? a-1.1-v v ol low-level output voltage port a; v cc(a) = 1.2 v; i o = 20 ? a - 0.09 - v i i input leakage current oe input; v i = 0 v to 3.6 v; v cc(a) = 1.2 v to 3.6 v; v cc(b) =1.65vto5.5v -- ? 1 ? a i oz off-state output current port a or b; v o =0vtov cco ; v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v [1] -- ? 1 ? a i off power-off leakage current port a; v i or v o = 0 v to 3.6 v; v cc(a) =0v;v cc(b) =0vto5.5v -- ? 1 ? a port b; v i or v o = 0 v to 5.5 v; v cc(b) =0v;v cc(a) =0vto3.6v -- ? 1 ? a c i input capacitance oe input; v cc(a) = 1.2 v to 3.6 v; v cc(b) =1.65vto5.5v - 1.0 - pf c i/o input/output capacitance port a; v cc(a) = 1.2 v to 3.6 v; v cc(b) =1.65vto5.5v - 4.0 - pf port b; v cc(a) = 1.2 v to 3.6 v; v cc(b) =1.65vto5.5v - 7.5 - pf
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 5 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply table 8. typical supply current at recommended operating conditions; t amb = 25 ? c; voltages are referenced to gnd (ground = 0 v). v cc(a) v cc(b) unit 1.8 v 2.5 v 3.3 v 5.0 v i cc(a) i cc(b) i cc(a) i cc(b) i cc(a) i cc(b) i cc(a) i cc(b) 1.2 v101010101020101050na 1.5 v 10 10 10 10 10 10 10 650 na 1.8 v 10 10 10 10 10 10 10 350 na 2.5 v - - 10 10 10 10 10 40 na 3.3 v----10101010na table 9. static characteristics [1] at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = ? 40 ? c to +85 ?c t amb = ? 40 ? c to +125 ?c unit min max min max v ih high-level input voltage port a or port b and oe input; v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v 0.65v cci - 0.65v cci -v v il low-level input voltage port a or port b and oe input; v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -0.35v cci -0 . 3 5 v cci v v oh high-level output voltage i o = ? 20 ? a port a; v cc(a) = 1.4 v to 3.6 v v cco ? 0.4 - v cco ? 0.4 - v port b; v cc(b) = 1.65 v to 5.5 v v cco ? 0.4 - v cco ? 0.4 - v v ol low-level output voltage i o =20 ? a port a; v cc(a) = 1.4 v to 3.6 v - 0.4 - 0.4 v port b; v cc(b) = 1.65 v to 5.5 v - 0.4 - 0.4 v i i input leakage current oe input; v i = 0 v to 3.6 v; v cc(a) = 1.2 v to 3.6 v; v cc(b) =1.65vto5.5v - ? 2- ? 5 ? a i oz off-state output current port a or port b; v o =0vorv cco ; v cc(a) = 1.2 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v - ? 2- ? 10 ? a i off power-off leakage current port a; v i or v o = 0 v to 3.6 v; v cc(a) =0v; v cc(b) =0vto5.5v - ? 2- ? 10 ? a port b; v i or v o = 0 v to 5.5 v; v cc(b) =0v; v cc(a) =0vto3.6v - ? 2- ? 10 ? a
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 6 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply [1] v cci is the supply voltage associated with the input and v cco is the supply voltage associated with the output. 11. dynamic characteristics i cc supply current v i = 0 v or v cci ; i o = 0 a i cc(a) oe = high; v cc(a) = 1.4 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -3- 15 ? a oe = low; v cc(a) = 1.4 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -3- 20 ? a v cc(a) = 3.6 v; v cc(b) =0v - 2 - 15 ? a v cc(a) = 0 v; v cc(b) =5.5v - ? 2- ? 15 ? a i cc(b) oe = high; v cc(a) = 1.4 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -5- 15 ? a oe = low; v cc(a) = 1.4 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -5- 20 ? a v cc(a) = 3.6 v; v cc(b) =0v - ? 2- ? 15 ? a v cc(a) = 0 v; v cc(b) =5.5v - 2 - 15 ? a i cc(a) + i cc(b) v cc(a) = 1.4 v to 3.6 v; v cc(b) = 1.65 v to 5.5 v -8- 40 ? a table 9. static characteristics [1] ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = ? 40 ? c to +85 ?c t amb = ? 40 ? c to +125 ?c unit min max min max table 10. typical dynamic characteristics [1] voltages are referenced to gnd (ground = 0 v); typical values are measured with v cc(a) = 1.2 v and t amb = 25 ? c; for test circuit, see figure 5 ; for waveforms, see figure 3 and figure 4 . symbol parameter conditions v cc(b) unit 1.8 v 2.5 v 3.3 v 5.0 v t pd propagation delay a to b 5.9 4.8 4.4 4.2 ns b to a 5.6 4.8 4.5 4.4 ns t en enable time oe to a, b 0.5 0.5 0.5 0.5 ? s t dis disable time oe to a; no external load [2] 6.9 6.9 6.9 6.9 ns oe to b; no external load [2] 9.5 8.6 8.5 8.0 ns oe toa 81698368ns oe tob 81698368ns t t transition time port a 4.0 4.0 4.1 4.1 ns port b 2.6 2.0 1.7 1.4 ns t w pulse width data inputs 15 13 13 13 ns f data data rate 70 80 80 80 mbit/s
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 7 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply [1] t pd is the same as t plh and t phl . t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . t t is the same as t thl and t tlh . [2] delay between oe going high and when the outputs are disabled. table 11. dynamic characteristics for temperature range ? 40 ? c to +85 ?c [1] voltages are referenced to gnd (gr ound = 0 v); for test circuit, see figure 5 ; for waveforms, see figure 3 and figure 4 . symbol parameter conditions v cc(b) unit 1.8 v ? 0.15 v 2.5 v ? 0.2 v 3.3 v ? 0.3 v 5.0 v ? 0.5 v min max min max min max min max v cc(a) = 1.5 v ? 0.1 v t pd propagation delay a to b 1.4 12.9 1.2 10.1 1.1 10.0 0.8 9.9 ns b to a 0.9 14.2 0.7 12.0 0.4 11.7 0.3 13.7 ns t en enable time oe to a, b - 1.0 - 1.0 - 1.0 - 1.0 ? s t dis disable time oe to a; no external load [2] 1.0 11.9 1.0 11.9 1.0 11.9 1.0 11.9 ns oe to b; no external load [2] 1.0 16.9 1.0 15.2 1.0 14.1 1.0 13.8 ns oe to a - 320 - 260 - 260 - 280 ns oe to b - 200 - 200 - 200 - 200 ns t t transition time port a 0.9 5.1 0.9 5.1 0.9 5.1 0.9 5.1 ns port b 0.9 4.7 0.6 3.2 0.5 2.5 0.4 2.7 ns t w pulse width data inputs 25 - 25 - 25 - 25 - ns f data data rate - 40 - 40 - 40 - 40 mbit/s v cc(a) = 1.8 v ? 0.15 v t pd propagation delay a to b 1.6 11.0 1.4 7.7 1.3 6.8 1.2 6.5 ns b to a 1.5 12.0 1.3 8.4 1.0 7.6 0.9 7.1 ns t en enable time oe to a, b - 1.0 - 1.0 - 1.0 - 1.0 ? s t dis disable time oe to a; no external load [2] 1.0 11.0 1.0 11.0 1.0 11.0 1.0 11.0 ns oe to b; no external load [2] 1.0 15.4 1.0 13.5 1.0 12.4 1.0 12.1 ns oe to a - 260 - 230 - 230 - 230 ns oe to b - 200 - 200 - 200 - 200 ns t t transition time port a 0.8 4.1 0.8 4.1 0.8 4.1 0.8 4.1 ns port b 0.9 4.7 0.6 3.2 0.5 2.5 0.4 2.7 ns t w pulse width data inputs 20 - 17 - 17 - 17 - ns f data data rate - 49 - 60 - 60 - 60 mbit/s v cc(a) = 2.5 v ? 0.2 v t pd propagation delay a to b - - 1.1 6.3 1.0 5.2 0.9 4.7 ns b to a - - 1.2 6.6 1.1 5.1 0.9 4.4 ns t en enable time oe toa, b ---1.0-1.0-1.0 ? s
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 8 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply [1] t pd is the same as t plh and t phl . t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . t t is the same as t thl and t tlh . [2] delay between oe going high and when the outputs are disabled. t dis disable time oe to a; no external load [2] - - 1.09.21.09.21.09.2ns oe to b; no external load [2] - - 1.0 11.9 1.0 10.7 1.0 10.2 ns oe to a - - - 200 - 200 - 200 ns oe to b - - - 200 - 200 - 200 ns t t transition time port a - - 0.7 3.0 0.7 3.0 0.7 3.0 ns port b - - 0.7 3.2 0.5 2.5 0.4 2.7 ns t w pulse width data inputs - - 12 - 10 - 10 - ns f data data rate - - - 85 - 100 - 100 mbit/s v cc(a) = 3.3 v ? 0.3 v t pd propagation delay a to b - - - - 0.9 4.7 0.8 4.0 ns b to a - - - - 1.0 4.9 0.9 3.8 ns t en enable time oe toa, b -----1.0-1.0 ? s t dis disable time oe to a; no external load [2] - - - - 1.0 9.2 1.0 9.2 ns oe to b; no external load [2] - - - - 1.0 10.1 1.0 9.6 ns oe toa -----260-260ns oe tob -----200-200ns t t transition time port a - - - - 0.7 2.5 0.7 2.5 ns port b - - - - 0.5 2.5 0.4 2.7 ns t w pulse width data inputs - - - - 10 - 10 - ns f data data rate - - - - - 100 - 100 mbit/s table 11. dynamic characteristics for temperature range ? 40 ? c to +85 ?c [1] ?continued voltages are referenced to gnd (gr ound = 0 v); for test circuit, see figure 5 ; for waveforms, see figure 3 and figure 4 . symbol parameter conditions v cc(b) unit 1.8 v ? 0.15 v 2.5 v ? 0.2 v 3.3 v ? 0.3 v 5.0 v ? 0.5 v min max min max min max min max table 12. dynamic characteristics for temperature range ? 40 ? c to +125 ?c [1] voltages are referenced to gnd (gr ound = 0 v); for test circuit, see figure 5 ; for waveforms, see figure 3 and figure 4 . symbol parameter conditions v cc(b) unit 1.8 v ? 0.15 v 2.5 v ? 0.2 v 3.3 v ? 0.3 v 5.0 v ? 0.5 v min max min max min max min max v cc(a) = 1.5 v ? 0.1 v t pd propagation delay a to b 1.4 15.9 1.2 13.1 1.1 13.0 0.8 12.9 ns b to a 0.9 17.2 0.7 15.0 0.4 14.7 0.3 16.7 ns t en enable time oe to a, b - 1.0 - 1.0 - 1.0 - 1.0 ? s
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 9 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply t dis disable time oe to a; no external load [2] 1.0 12.5 1.0 12.5 1.0 12.5 1.0 12.5 ns oe to b; no external load [2] 1.0 18.1 1.0 16.2 1.0 14.9 1.0 14.6 ns oe to a - 340 - 280 - 280 - 300 ns oe to b - 220 - 220 - 220 - 220 ns t t transition time port a 0.9 7.1 0.9 7.1 0.9 7.1 0.9 7.1 ns port b 0.9 6.5 0.6 5.2 0.5 4.8 0.4 4.7 ns t w pulse width data inputs 25 - 25 - 25 - 25 - ns f data data rate - 40 - 40 - 40 - 40 mbit/s v cc(a) = 1.8 v ? 0.15 v t pd propagation delay a to b 1.6 14.0 1.4 10.7 1.3 9.8 1.2 9.5 ns b to a 1.5 15.0 1.3 11.4 1.0 10.6 0.9 10.1 ns t en enable time oe to a, b - 1.0 - 1.0 - 1.0 - 1.0 ? s t dis disable time oe to a; no external load [2] 1.0 11.5 1.0 11.5 1.0 11.5 1.0 11.5 ns oe to b; no external load [2] 1.0 16.5 1.0 14.5 1.0 13.3 1.0 12.7 ns oe to a - 280 - 250 - 250 - 250 ns oe to b - 220 - 220 - 220 - 220 ns t t transition time port a 0.8 6.2 0.8 6.1 0.8 6.1 0.8 6.1 ns port b 0.9 5.8 0.6 5.2 0.5 4.8 0.4 4.7 ns t w pulse width data inputs 22 - 19 - 19 - 19 - ns f data data rate - 45 - 55 - 55 - 55 mbit/s v cc(a) = 2.5 v ? 0.2 v t pd propagation delay a to b - - 1.1 9.3 1.0 8.2 0.9 7.7 ns b to a - - 1.2 9.6 1.1 8.1 0.9 7.4 ns t en enable time oe to a, b - - - 1.0 - 1.0 - 1.0 ? s t dis disable time oe to a; no external load [2] - - 1.0 9.6 1.0 9.6 1.0 9.6 ns oe to b; no external load [2] - - 1.0 12.6 1.0 11.4 1.0 10.8 ns oe to a - - - 220 - 220 - 220 ns oe to b - - - 220 - 220 - 220 ns t t transition time port a - - 0.7 5.0 0.7 5.0 0.7 5.0 ns port b - - 0.7 4.6 0.5 4.8 0.4 4.7 ns t w pulse width data inputs - - 14 - 13 - 10 - ns f data data rate - - - 75 - 80 - 100 mbit/s v cc(a) = 3.3 v ? 0.3 v t pd propagation delay a to b - - - - 0.9 7.7 0.8 7.0 ns b to a - - - - 1.0 7.9 0.9 6.8 ns t en enable time oe toa, b - - ---1.0-1.0 ? s table 12. dynamic characteristics for temperature range ? 40 ? c to +125 ?c [1] ?continued voltages are referenced to gnd (gr ound = 0 v); for test circuit, see figure 5 ; for waveforms, see figure 3 and figure 4 . symbol parameter conditions v cc(b) unit 1.8 v ? 0.15 v 2.5 v ? 0.2 v 3.3 v ? 0.3 v 5.0 v ? 0.5 v min max min max min max min max
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 10 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply [1] t pd is the same as t plh and t phl . t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . t t is the same as t thl and t tlh. [2] delay between oe going high and when the outputs are disabled. [1] c pd is used to determine the dynamic power dissipation (p d in ? w). p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of the outputs. [2] f i = 10 mhz; v i =gndtov cc ; t r = t f = 1 ns; c l = 0 pf; r l = ? ? . t dis disable time oe to a; no external load [2] - - - - 1.0 9.5 1.0 9.5 ns oe to b; no external load [2] - - - - 1.0 10.7 1.0 9.6 ns oe to a - - - - - 280 - 280 ns oe to b - - - - - 220 - 220 ns t t transition time port a - - - - 0.7 4.5 0.7 4.5 ns port b - - - - 0.5 4.1 0.4 4.7 ns t w pulse width data inputs - - - - 10 - 10 - ns f data data rate - - - - - 100 - 100 mbit/s table 12. dynamic characteristics for temperature range ? 40 ? c to +125 ?c [1] ?continued voltages are referenced to gnd (gr ound = 0 v); for test circuit, see figure 5 ; for waveforms, see figure 3 and figure 4 . symbol parameter conditions v cc(b) unit 1.8 v ? 0.15 v 2.5 v ? 0.2 v 3.3 v ? 0.3 v 5.0 v ? 0.5 v min max min max min max min max table 13. typical power dissipation capacitance table [1] [2] tested at t amb = 25 ? c; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions v cc(a) unit 1.2 v 1.2 v 1.5 v 1.8 v 2.5 v 2.5 v 3.3 v v cc(b) 1.8 v 5.0 v 1.8 v 1.8 v 2.5 v 5.0 v 3.3 v to 5.0 v c pd power dissipation capacitance outputs enabled; oe = gnd port a: (direction a to b) 5555555 pf port a: (direction b to a) 8888888 pf port b: (direction a to b) 18 18 18 18 18 18 18 pf port b: (direction b to a) 13 16 12 12 12 12 13 pf outputs disabled; oe = v cc(a) port a: (direction a to b) 0.12 0.12 0.04 0.05 0.08 0.08 0.07 pf port a: (direction b to a) 0.01 0.01 0.01 0.01 0.01 0.01 0.01 pf port b: (direction a to b) 0.01 0.01 0.01 0.01 0.01 0.01 0.01 pf port b: (direction b to a) 0.07 0.09 0.07 0.07 0.05 0.09 0.09 pf
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 11 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply 12. waveforms measurement points are given in table 14 . v ol and v oh are typical output voltage levels that occur with the output load. fig 3. data input (a, b) to data output (b, a) propagation delay times 001aan315 a, b input b, a output t plh t phl gnd v i v oh v m v m v ol t thl 10 % 90 % t tlh measurement points are given in table 14 . v ol and v oh are typical output voltage levels that occur with the output load. fig 4. enable and disable times aaa-001619 gnd v cco v ol outputs enabled v i gnd v m t plz v x v y v oh output low-to-off off-to-low output high-to-off off-to-high oe input t phz outputs enabled outputs disabled v m t pzh v m t pzl table 14. measurement points [1] supply voltage input output v cco v m v m v x v y 1.2 v 0.5v cci 0.5v cco v ol + 0.1 v v oh ? 0.1 v 1.5 v ? 0.1 v 0.5v cci 0.5v cco v ol + 0.1 v v oh ? 0.1 v 1.8 v ? 0.15 v 0.5v cci 0.5v cco v ol + 0.15 v v oh ? 0.15 v 2.5 v ? 0.2 v 0.5v cci 0.5v cco v ol + 0.15 v v oh ? 0.15 v 3.3 v ? 0.3 v 0.5v cci 0.5v cco v ol + 0.3 v v oh ? 0.3 v 5.0 v ? 0.5 v 0.5v cci 0.5v cco v ol + 0.3 v v oh ? 0.3 v
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 12 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply [1] v cci is the supply voltage associated with the input and v cco is the supply voltage associated with the output. [1] v cci is the supply voltage associated with the input. [2] for measuring data rate, pulse width, propagat ion delay and output rise and fall measurements, r l = 1 m ? . for measuring enable and disable times, r l = 50 k ? . [3] v cco is the supply voltage associated with the output. 13. application information 13.1 applications voltage level-translation applications. the nt b0101a can be used to interface between devices or systems operating at different supply voltages. see figure 6 for a typical operating circuit using the ntb0101a. test data is given in table 15 . all input pulses are supplied by generators having the following characteristics: prr ? 10 mhz; z o = 50 ? ; dv/dt ? 1.0 v/ns. r l = load resistance. c l = load capacitance including jig and probe capacitance. v ext = external voltage for measuring switching times. fig 5. test circuit for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aal920 v ext v cc v i v o dut c l r l r l g table 15. test data supply voltage input load v ext v cc(a) v cc(b) v i [1] ? t/ ? v c l r l [2] t plh , t phl t pzh , t phz t pzl , t plz [3] 1.2 v to 3.6 v 1.65 v to 5.5 v v cci ? 1.0ns/v 15pf 50k ? , 1 m ? open open 2v cco
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 13 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply 13.2 architecture the architecture of the ntb0101a is shown in figure 7 . the device does not require an extra input signal to control the direction of data flow from a to b or from b to a. in a static state, the output drivers of the ntb0101a ca n maintain a defined output level, but the output architecture is weak, so that they can be overdriven by an external driver when data on the bus starts flowing in the opposite direction. the output of one-shot circuits detect rising or falling edges on the ports a or b. during a rising edge, the one-shot circuits turn on the pmos transistors (t1, t3) for a short duration, accelerating the low-to-high transition. similarly, during a falling edge, the one-shot circuits turn on the nmos transistors (t2, t4) for a short duratio n, accelerating the high-to-low transition. during output transitions, the ty pical output impedance is 70 ? at v cco = 1.2 v to 1.8 v. it is 50 ? at v cco = 1.8 v to 3.3 v and 40 ? at v cco = 3.3 v to 5.0 v. fig 6. typical operating circuit aaa-017139 oe ntb0101a system gnd ) v cc(a) v cc(b) system controller data a data b 1.8 v 3.3 v 3.3 v 1.8 v 0.1 f 0.1 f fig 7. architecture of ntb0101a i/o cell 001aal921 one shot one shot one shot one shot b a v cc(b) v cc(a) 4 k
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 14 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply 13.3 input driver requirements for correct operation, the device that drives the data i/os of the ntb0101a must have a minimum drive capability of ? 2 ma. see figure 8 for a plot of typical input current versus input voltage. 13.4 power-up v cc(a) must never be higher than v cc(b) during operation. however during power-up, v cc(a) ? v cc(b) does not damage the de vice. either of the power supplies can be ramped up first and hence no special power-up sequencing is required. the ntb0101a includes circuitry that disables all output ports when either v cc(a) or v cc(b) is switched off. 13.5 enable and disable an output enable input (oe ) is used to disable the device. setting oe = high causes all i/os to assume the high-impedance off-state. the disable time (t dis with no external load) indicates the delay between when oe goes high and when outputs actually become disabled. the enable time (t en ) indicates the amount of time the user must allow for a one-shot circuitry to become operational after oe is taken low. to ensure a high-impedance off-state during power-up or power-down, pin oe should be tied to v cc(a) through a pull-up resistor. the minimum value of the resistor determines the current-sourcing capa bility of the driver. 13.6 pull-up or pull-down resistors on i/o lines as mentioned previously, the ntb0101a is desig ned with low static drive strength to drive capacitive loads of up to 70 pf. to avoid ou tput contention issues, all pull-up or pull-down resistors used, must be above 50 k ? . for this reason, ntb0101a is not recommended for use in open-drain driver applications such as 1-wire or i 2 c-bus. for these applications, the nts0101 level translator is recommended. v t : input threshold voltage of the ntb0101a (typically v cci / 2). v d : supply voltage of the external driver. fig 8. typical input current versus input voltage graph 001aal922 v t /4 k ?(v d ? v t )/4 k i i v i
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 15 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply 14. package outline fig 9. package outline sot363 (sc-88) 5()(5(1&(6 287/,1( 9(56,21 (8523($1 352-(&7,21 ,668('$7( ,(& -('(& -(,7$ 627 6&  z% 0 e s ' h  h slq lqgh[ $ $  / s 4 ghwdlo; + ( ( y 0 $ $ % \    p p vfdoh f ;     3odvwlfvxuidfhprxqwhgs dfndjhohdgv 627 81,7 $  pd[ e s f' ( h  + ( / s 4\ zy pp           h       ',0(16,216 ppduhwkhruljlqdoglphqvlrqv     $    
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 16 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply 15. abbreviations 16. revision history table 16. abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mm machine model nmos n-type metal oxide semiconductor pmos p-type metal oxide semiconductor prr pulse repetition rate table 17. revision history document id release date data sheet status change notice supersedes ntb0101a v.1 20150714 product data sheet - -
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 17 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply 17. legal information 17.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 17.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 17.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
ntb0101a all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2015. all rights re served. product data sheet rev. 1 ? 14 july 2015 18 of 19 nxp semiconductors ntb0101a auto direction sensing dual supply export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 17.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 18. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors ntb0101a auto direction sensing dual supply ? nxp semiconductors n.v. 2015. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 14 july 2015 document identifier: ntb0101a please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 19. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 9 recommended operating conditions. . . . . . . . 4 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 6 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 13 application information. . . . . . . . . . . . . . . . . . 12 13.1 applications . . . . . . . . . . . . . . . . . . . . . . . . . . 12 13.2 architecture . . . . . . . . . . . . . . . . . . . . . . . . . . 13 13.3 input driver requirements . . . . . . . . . . . . . . . . 14 13.4 power-up . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 13.5 enable and disable . . . . . . . . . . . . . . . . . . . . . 14 13.6 pull-up or pull-down resistors on i/o lines . . . 14 14 package outline . . . . . . . . . . . . . . . . . . . . . . . . 15 15 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 16 16 revision history . . . . . . . . . . . . . . . . . . . . . . . . 16 17 legal information. . . . . . . . . . . . . . . . . . . . . . . 17 17.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 17 17.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 17.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 17.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 18 18 contact information. . . . . . . . . . . . . . . . . . . . . 18 19 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19


▲Up To Search▲   

 
Price & Availability of NTB0101A-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X